PART |
Description |
Maker |
RP03-0512DG RP03-0512SG RP03-0505DG RP03-0505SG RP |
3 WATT DIP24 & SMD, SINGLE & DUAL OUTPUT 3 Watt DIP24 & SMD, Single & Dual Output 3瓦特DIP24
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC2.2-0509DRWH1BM REC2.2-0505DRWH2AM REC2.2-0505S |
2.2 Watt DIP24 & SMD Single & Dual Output 2.2 Watt DIP24 & SMD Single & Dual Output 2.2瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
RP08-243.3SA RP08-483.3SA RP08-1205DA RP08-1205SA |
8 Watt DIP24 & SMD, Single & Dual Output 8瓦特DIP24 8 Watt DIP24 & SMD, Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RP12-2405DAW |
12 Watt DIP24/SMD Single & Dual Output
|
Recom International Pow...
|
RP08-483.3SASMD RP08-1205DA RP08-1205DASMD RP08-12 |
8 Watt DIP24 & SMD, Single & Dual Output
|
RECOM[Recom International Power]
|
REC2.2-053.3SRWH1AM REC2.2-123.3SRW REC2.2-483.3SR |
2.2 Watt DIP24 & SMD Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RV-0505D RV-0515D RV-0515S RV-1209S RV-1212S RV-12 |
2 Watt DIP24 Miniature Single & Dual Output
|
Recom International Pow...
|
RSD8-0505 RSD8-0505HP RSD8-0505P RSD8-0509 RSD8-05 |
1 Watt SMD Single & Dual Output 1瓦特贴片 1 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power] Recom International Pow...
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|